データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC1290CCSW データシート(PDF) 32 Page - Linear Technology

部品番号 LTC1290CCSW
部品情報  Single Chip 12-Bit Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC1290CCSW データシート(HTML) 32 Page - Linear Technology

Back Button LTC1290CCSW Datasheet HTML 24Page - Linear Technology LTC1290CCSW Datasheet HTML 25Page - Linear Technology LTC1290CCSW Datasheet HTML 26Page - Linear Technology LTC1290CCSW Datasheet HTML 27Page - Linear Technology LTC1290CCSW Datasheet HTML 28Page - Linear Technology LTC1290CCSW Datasheet HTML 29Page - Linear Technology LTC1290CCSW Datasheet HTML 30Page - Linear Technology LTC1290CCSW Datasheet HTML 31Page - Linear Technology LTC1290CCSW Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
32
LTC1290
1290fe
LT/LT 0805 REV E • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1991
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC1286/LTC1298
12-Bit, Micropower Serial ADC in SO-8
1- or 2-Channel, Autoshutdown
LTC1293/LTC1294/LTC1296
12-Bit, Multiplexed Serial ADC
6-, 8- or 8-Channel with Shutdown Output
LTC1594/LTC1598
12-Bit, Micropower Serial ADC
4- or 8-Channel, 3V Versions Available
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32