| データシートサーチシステム |
|
PTH03050YAHT データシート(PDF) 4 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
PTH03050YAHT データシート(HTML) 4 Page - Emerson Network Power |
|
4 / 4 page ![]() File Name: PTHxx050Y.pdf Rev (02): 19 Dec 2005 Please consult our website for the following items: Application Note www.artesyn.com Datasheet © Artesyn Technologies® 2005 The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein. For the most current data and application support visit www.artesyn.com/powergroup/products.htm DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module 4 NEW Product Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places ±0.030 (±0.76) 3 Places ±0.010 (±0.25) TOP VIEW SIDE VIEW 0.870 (22.10) 6 3 5 4 1 2 MAX. 0.335 (8.50) Host Board 0.495 (12.57) ø0.040 (1.02) 6 Places 0.750 (19.06) 0.125 (3.18) 0.125 (3.18) 0.125 (3.18) (1.52) 0.060 (9.52) 0.375 (1.52) 0.060 (3.55) 0.140 Lowest Component 0.010 min. (0.25) Bottom side Clearance 0.070 (1.78) (Standoff Shoulder) Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places ±0.030 (±0.76) 3 Places ±0.010 (±0.25) 0.870 (22.10) 0.495 TOP VIEW SIDE VIEW 4 1 6 Solder Ball ø 0.040 (1.02) 6 Places 0.750 (19.06) (1.52) 0.060 (1.52) 0.060 (12.57) 3 (3.18) 0.125 5 2 (3.18) 0.125 0.125 (3.18) 0.375 (9.52) *After solder reflow on customer board 0.335 (8.50) max.* Host Board Lowest Component 0.010 min. (0.25) Bottom side Clearance Figure 5 - Plated Through-Hole Mechanical Drawing Figure 6 - Surface-Mount Mechanical Drawing PTHxx050Y 3.3/5/12 Vin Single Output *Denotes negative logic: Open = Normal operation Ground = Function active PIN CONNECTIONS PIN NO. FUNCTION 1 Ground 2VREF 3Vin 4 Inhibit* 5 N/C 6VTT |