| データシートサーチシステム |
|
PSD4235G2-12UI データシート(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD4235G2-12UI データシート(HTML) 40 Page - STMicroelectronics |
|
40 / 93 page ![]() Preliminary Information PSD4000 Series 37 The PSD4000 Functional Blocks (cont.) MICRO - CONTROLLER WR RD BHE ALE RESET AD[ 7:0] AD[ 15:8] A[ 15: 8] A[ 7: 0] ADIO PORT PORT F PORT G PORT A,B, or C WR (CNTRL0) RD (CNTRL1) BHE (CNTRL2) RST ALE (PD0) PORT D (OPTIONAL) A[ 23:16] (OPTIONAL) (OPTIONAL) PSD4135G2 Figure 12. An Example of a Typical 16-Bit Multiplexed Bus Interface MICRO - CONTROLLER WR RD BHE ALE RESET D [ 15:0] A[ 15:0] A[ 23:16] D [ 7:0] ADIO PORT PORT F PORT G PORT A,B or C WR (CNTRL0) RD (CNTRL1) BHE (CNTRL2) RST ALE (PD0) PORT D (OPTIONAL) D[ 15:8] (OPTIONAL) PSD4135G2 Figure 13. An Example of a Typical 16-Bit Non-Multiplexed Bus Interface |