| データシートサーチシステム |
|
75ACT16623 データシート(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
75ACT16623 データシート(HTML) 2 Page - Texas Instruments |
|
2 / 6 page ![]() 54ACT16623, 74ACT16623 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCAS152A – JANUARY 1991 – REVISED APRIL 1996 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 FUNCTION TABLE (each 8-bit section) INPUTS OPERATION OEBA OEAB OPERATION L L B data to A bus H H A data to B bus H L Isolation L H B data to A bus, A data to B bus logic symbol† † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. 2OEBA 1OEBA EN1 48 EN2 1 1OEAB 1A2 46 1A3 44 1A4 43 1A5 41 1A6 40 1A7 38 1A8 37 1A1 47 1B1 2 1B2 3 1B3 5 1B4 6 1B5 8 1B6 9 1B7 11 1B8 12 EN3 25 EN4 24 2OEAB 1 1 1 2 2A2 35 2A3 33 2A4 32 2A5 30 2A6 29 2A7 27 2A8 26 2A1 36 2B1 13 2B2 14 2B3 16 2B4 17 2B5 19 2B6 20 2B7 22 2B8 23 1 1 3 4 |