データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT5050QB10ZS-RV データシート(PDF) 9 Page - Kingbright Corporation

部品番号 AT5050QB10ZS-RV
部品情報  5.0X5.0mm SMD LED WITH CERAMIC SUBSTRATE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KINGBRIGHT [Kingbright Corporation]
ホームページ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AT5050QB10ZS-RV データシート(HTML) 9 Page - Kingbright Corporation

Back Button AT5050QB10ZS-RV Datasheet HTML 2Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 3Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 4Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 5Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 6Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 7Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 8Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 9Page - Kingbright Corporation AT5050QB10ZS-RV Datasheet HTML 10Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SPEC NO: DSAI5832
REV NO: V.1
DATE: SEP/22/2008
PAGE: 9 OF 10
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.F.Lu
ERP: 1212000025
5.0X5.0mm SMD LED WITH CERAMIC SUBSTRATE
Designing the Position of LED on a Board.
1.No twist/warp/bent/or other stress shall be applied to the board after mounting LED with
solder to avoid a crack of LED package.
Refer to the following recommended position and direction of LED.
Appropriate LED mounting is to place perpendicularly against the stress affected side
.
2.Depending on the position and direction of LED,the mechanical stress on the LED package can be changed.
Refer to the following figure.
3.Do not split board by hand.Split with exclusive special tool.
4.If an aluminum circuit board is used,a large stress by thermal shock might cause a solder crack.
For this reason,it is recommended an appropriate verification should be taken before use.



Html Pages

1 2 3 4 5 6 7 8 9 10