| データシートサーチシステム |
|
AM26LS33ACD データシート(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM26LS33ACD データシート(HTML) 6 Page - Texas Instruments |
|
6 / 10 page ![]() AM26LS32AC, AM26LS32AI, AM26LS33AC, AM26LS32AM, AM26LS33AM QUADRUPLE DIFFERENTIAL LINE RECEIVERS SLLS115D – OCTOBER 1980 – REVISED MARCH 2002 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS 2 1 0 0 –10 –20 –30 3 4 HIGH-LEVEL OUTPUT VOLTAGE vs HIGH-LEVEL OUTPUT CURRENT† 5 –40 –50 VCC = 5.25 V VCC = 5 V VCC = 4.75 V IOH – High-Level Output Current – mA VID = 0.2 V TA = 25°C VCC = 5.5 V VCC = 4.5 V † VCC = 5.5 V and VCC = 4.5 V applies to M-suffix devices only. Figure 2 2 0 0 10 203040 5060 HIGH-LEVEL OUTPUT VOLTAGE vs FREE-AIR TEMPERATURE 5 70 80 4 3 1 TA – Free-Air Temperature – °C VCC = 5 V VID = 0.2 mV IOH = –440 µA Figure 3 Figure 4 0.3 0.2 0.1 0 05 10 0.4 0.5 LOW-LEVEL OUTPUT VOLTAGE vs LOW-LEVEL OUTPUT CURRENT 0.6 15 20 25 30 IOL – Low-Level Output Current – mA VCC = 5 V TA = 25°C VID = –0.2 mV Figure 5 0.3 0.2 0.1 0 0 10 203040 50 0.4 0.5 LOW-LEVEL OUTPUT VOLTAGE vs FREE-AIR TEMPERATURE 60 70 80 TA – Free-Air Temperature – °C VCC = 5 V VID = –0.2 V IOL = 8 mA |