| データシートサーチシステム |
|
BQ2002FSN データシート(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
BQ2002FSN データシート(HTML) 7 Page - Texas Instruments |
|
7 / 12 page ![]() 7 bq2002/F Recommended DC Operating Conditions (TA = 0 to 70°C) Symbol Condition Minimum Typical Maximum Unit Notes VCC Supply voltage 4.0 5.0 6.0 V VDET - ∆V, PVD detect voltage 1 - 2 V VBAT Battery input 0 - VCC V VTS Thermistor input 0.5 - VCC VVTS < 0.5V prohibited VIH Logic input high 0.5 - - V INH Logic input high VCC - 0.5 - - V TM VIM Logic input mid V CC 2 - 0.5 - V CC 2 05 + . VTM VIL Logic input low - - 0.1 V INH Logic input low - - 0.5 V TM VOL Logic output low - - 0.8 V LED,CC, IOL = 10mA VPD Power down VCC - 1.5 - VCC - 0.5 V VBAT ≥ VPD max. powers down bq2002/F; VBAT < VPD min. = normal operation. ICC Supply current - - 250 µA Outputs unloaded, VCC = 5.1V ISB Standby current - - 1 µAVCC = 5.1V, VBAT = VPD IOL LED, CC sink 10 - - mA @VOL = VSS + 0.8V IL Input leakage - - ±1 µA INH, CC, V = VSS to VCC IOZ Output leakage in high-Z state -5 - - µA LED,CC Note: All voltages relative to VSS. |