データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP49 データシート(PDF) 5 Page - Pletronics, Inc.

部品番号 MP49
部品情報  HC-49/U Crystal
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PLETRONICS [Pletronics, Inc.]
ホームページ  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

MP49 データシート(HTML) 5 Page - Pletronics, Inc.

  MP49 Datasheet HTML 1Page - Pletronics, Inc. MP49 Datasheet HTML 2Page - Pletronics, Inc. MP49 Datasheet HTML 3Page - Pletronics, Inc. MP49 Datasheet HTML 4Page - Pletronics, Inc. MP49 Datasheet HTML 5Page - Pletronics, Inc. MP49 Datasheet HTML 6Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MP49 Series
HC-49/U Crystal
January 2009
www.pletronics.com
425-776-1880
5
Mechanical:
Inches
mm
A
0.425 max
10.80 max
B
0.404
10.26
C
0.192
4.88
D
0.017 dia
0.43 dia
E
0.500 min
12.7 min
F
0.176 max
4.47 max
G
0.145
3.68
H
0.52 max
13.21 max
Contacts (3 types of lead plating used):
Matte Tin (Sn)
Tin over Copper (SnCu)
SAC (SnAgCu)
Not to Scale
1 Typical dimensions
Layout and application information
Trace lengths to the crystal should be kept as short as possible.
The crystal connections are sensitive to noise.
The package should be grounded for optimum performance.



Html Pages

1 2 3 4 5 6