| データシートサーチシステム |
|
SS24ADAS データシート(PDF) 3 Page - Systemsensor advanced ideas. |
|
|
|||||||||||||||||||||||||||||
SS24ADAS データシート(HTML) 3 Page - Systemsensor advanced ideas. |
|
3 / 4 page ![]() Page 3 A05-239-03 Mounting Signal Strobe TOP Strobe Surface Mount Horn/Strobe Surface Mount MA-12/24D Signal Strobe MP-SF Signal Strobe TOP Strobe Semiflush Mount MP-SF MA-12/24D Signal Strobe Horn/Strobe Semiflush Mount Wiring Horn/Strobe Independent From panel or previous device To Next Device or EOL – VDC + VDC + VDC – VDC STROBE SOUNDER NON- CODED SUPPLY CAN BE CODED SUPPLY From panel or previous device To Next Device or EOL – VDC + VDC Note: NON- CODED SUPPLY Jumpers (included in screw-pack) must be installed as shown for tandem operation. Break off tab Horn/Strobe Combination Strobe Only From panel or previous device To Next Device or EOL – VDC + VDC IN(–) OUT(–) IN(+) OUT(+) (–)IN (–)OUT (+)IN (+)OUT Standard Light Distribution Vertical Dispersion Horizontal Dispersion A polar light distribution in both horizontal and vertical directions is mandated for the strobes by the Standard UL 1971 for the Hearing Impaired, with specific minimum intensity percentages as shown in the graphs above. LIGHT 0˚ –45˚ 45˚ 90˚ –90˚ WALL Degree Percent of Rating 0 100 5-25 90 30-45 75 50 55 55 45 60 40 65 35 70 35 75 30 80 30 85 25 90 25 ZERO AXIS W A L L FLOOR 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90˚ Degree Percent of Rating 0 100 5-30 90 35 65 40 46 45 34 50 27 55 22 60 18 65 16 70 15 75 13 80 12 85 12 90 12 |