| データシートサーチシステム |
|
74FCT245 データシート(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
74FCT245 データシート(HTML) 2 Page - Texas Instruments |
|
2 / 7 page ![]() 2 Functional Diagram IEC Logic Symbol TRUTH TABLE (NOTE 1) CONTROL INPUTS OPERATION OE DIR L L B Data to A Bus L H A Data to B Bus H X Isolation NOTES: 1. H = High Voltage Level L = Low Voltage Level X = Irrelevant 2. To prevent excess currents in the High-Z (isolation) modes, all I/O terminals should be terminated with 10k Ω to 1 MΩ resistors. 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 B0 B1 B2 B3 B4 B5 B6 B7 A0 A1 A2 A3 A4 A5 A6 A7 1 GND = PIN 10 VCC = PIN 20 19 DIR OE 11 CD74FCT245, CD54FCT245 18 17 16 G3 3 4 5 15 14 13 12 6 7 8 9 3EN1 11 3EN1 19 1 1 2 2 CD54FCT245, CD74FCT245 |