| データシートサーチシステム |
|
BUT18AF データシート(PDF) 1 Page - Savantic, Inc. |
|
|
|||||||||||||||||||||||||||||
BUT18AF データシート(HTML) 1 Page - Savantic, Inc. |
|
1 / 3 page ![]() SavantIC Semiconductor Product Specification Silicon NPN Power Transistors BUT18F BUT18AF DESCRIPTION ·With TO-220Fa package ·High voltage ,high speed APPLICATIONS ·Converters ·Inverters ·Switching regulators ·Motor control systems PINNING PIN DESCRIPTION 1 Base 2 Collector 3 Emitter Absolute maximum ratings (Tc=25 ) SYMBOL PARAMETER CONDITIONS VALUE UNIT BUT18F 850 VCBO Collector-base voltage BUT18AF Open emitter 1000 V BUT18F 400 VCEO Collector-emitter voltage BUT18AF Open base 450 V VEBO Emitter-base voltage Open collector 9 V IC Collector current 6 A ICM Collector current-peak 12 A IB Base current 3 A IBM Base current-peak 6 A Ptot Total power dissipation TC=25 33 W Tj Junction temperature 150 Tstg Storage temperature -65~150 Fig.1 simplified outline (TO-220Fa) and symbol |
同様の部品番号 - BUT18AF |
|
同様の説明 - BUT18AF |