データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SFCS28-461 データシート(PDF) 6 Page - Crane Aerospace & Electronics.

部品番号 SFCS28-461
部品情報  SFCS28-461 EMI Input Filters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CRANE [Crane Aerospace & Electronics.]
ホームページ  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SFCS28-461 データシート(HTML) 6 Page - Crane Aerospace & Electronics.

  SFCS28-461 Datasheet HTML 1Page - Crane Aerospace & Electronics. SFCS28-461 Datasheet HTML 2Page - Crane Aerospace & Electronics. SFCS28-461 Datasheet HTML 3Page - Crane Aerospace & Electronics. SFCS28-461 Datasheet HTML 4Page - Crane Aerospace & Electronics. SFCS28-461 Datasheet HTML 5Page - Crane Aerospace & Electronics. SFCS28-461 Datasheet HTML 6Page - Crane Aerospace & Electronics. SFCS28-461 Datasheet HTML 7Page - Crane Aerospace & Electronics. SFCS28-461 Datasheet HTML 8Page - Crane Aerospace & Electronics. SFCS28-461 Datasheet HTML 9Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Angled corner
indicates pin one.
1
2
3
4
5
6
12
11
10
9
8
7
0.000
0.120 (3.05)
0.250 (6.35)
0.450 (11.43)
0.650 (16.51)
0.850 (21.59)
1.050 (26.67)
1.250 (31.75)
1.380 (35.05)
1.505 (38.23) max.
0.128 dia
(3.25).
0.040 dia
(1.02)
0.23 (5.8) Lead Length
TOP VIEW CASE U
Flanged case, short-leaded
Seam Seal
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover Kovar/Nickel
Pins
#52 alloy/Nickel/Gold; compression glass seal
Case U, Rev C, 20060302
Please refer to the numerical dimensions for accuracy. All information is believed to be accurate,
but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make
changes in products or specifications without notice.
Copyright © 1999-2006 Interpoint Corp. All rights reserved.
*Case U does not require designator in Case Option position of model number.
FIgure 32: CaSe u
Crane Aerospace & Electronics Power Solutions
Page 6 of 9
Rev B - 20070404
sFcs28-461 eMi input Filter cases
28 Volt input – 5 aMp
www.craneae.com



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com