| データシートサーチシステム |
|
LM285-1.2LP データシート(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM285-1.2LP データシート(HTML) 7 Page - Texas Instruments |
|
7 / 15 page ![]() LM2851.2, LM3851.2, LM385B1.2 MICROPOWER VOLTAGE REFERENCES SLVS075H − APRIL 1989 − REVISED FEBRUARY 2005 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION + 412 Ω‡ ±1% † Adjust for 11.15 mV at 25°C across 953 Ω ‡ Adjust for 12.17 mV at 25°C across 412 Ω 2.00 k Ω ±1% IO ≈ 58 µA + 5.1 k Ω R LM334 V− V+ 100 k Ω ±1% 10 k Ω 953 Ω† ±1% Meter Type K LM385-1.2 Mercury Cell 1.345 V − − 500 Ω cw cw Figure 9. Thermocouple Cold-Junction Compensator 2.3 V ≤ V+ ≤ 30 V R V− V+ 2.74 k Ω 1.2 V LM385-1.2 LM334 Figure 10. Operation Over a Wide Supply Range LM385-1.2 1.2 V 499 k Ω 9 V Figure 11. Reference From a 9-V Battery |