| データシートサーチシステム |
|
ET70-R データシート(PDF) 2 Page - Gamewell-FCI by Honeywell |
|
|
|||||||||||||||||||||||||||||
ET70-R データシート(HTML) 2 Page - Gamewell-FCI by Honeywell |
|
2 / 4 page ![]() WIRING DIAGRAMS (all models) FEATURES QUICK REFERENCE For details on using SM or DSM Sync Modules, refer to Wheelock data sheet #S3000, or Wheelock installation instructions P83123 (for SM) or P83177 (for DSM). R E B M U N L E D O M L L A W T N U O M G N I L I E C T N U O M E B O R T S C N Y S - N O N E B O R T S C N Y S E B O R T S A L E D N A C R O L O C D E R R O L O C E T I H W R - 0 7 T EX X W - 0 7 T EX X W - 0 9 T EX X R F - W 5 1 4 2 - 0 7 T EX X X 5 1X R F - W 5 7 5 1 4 2 - 0 7 T EX X X 5 7 / 5 1X R F - W 0 3 4 2 - 0 7 T EX X X 0 3X R F - W 5 7 4 2 - 0 7 T EX X X 5 7X R F - W 0 1 1 4 2 - 0 7 T EX X X 0 1 1X W F - W 0 1 1 4 2 - 0 7 T EX X X 0 1 1X W F - C 0 3 4 2 - 0 9 T EX X X 0 3X W F - C 5 7 4 2 - 0 9 T EX X X 5 7X W F - C 0 0 1 4 2 - 0 9 T EX X X 0 0 1X R - 0 1 0 1 - T EX X W - 0 1 0 1 - T EX X R - 0 8 0 1 - T EX X R F V - 4 2 - S L - 0 8 0 1 - T EX X 5 1X R F V - L S - 0 8 0 1 - T EX X 5 1X R F V - 4 2 - M S L - 0 8 0 1 - T EX X 5 7 / 5 1X R F V - 4 2 - M L S - 0 8 0 1 - T EX X 5 7 / 5 1X R F V - 4 2 - S M - 0 8 0 1 - T EX X 0 3X R F V - 4 2 - S I - 0 8 0 1 - T EX X 5 7X FIRECONTROLINSTRUMENTS 16 Southwest Park, Westwood, MA 02090 USA • Tel: 781-471-3000 • Fax: 781-471-3099 • www.firecontrolinstruments.com A Honeywell Company Specifications are provided for information only, and are not intended to be used for installation purposes and are believed to be accurate. However, no responsibility is assumed by Fire Control Instruments for their use. Specifications subject to change without notice. © 2003 All Rights Reserved 9020-0579Ver. 1.0 / Page 2 of 4 ETSpeakerandStrobeoperate independently (non-sync or sync). ETStrobedevicessynchronized with multiple DSM Modules. Interconnecting wiring shown. Maximum of twenty (20) DSM Modules. ETStrobedevicessynchronized with DSM Module dual Class “A” (Style Z) circuit with NO audible silence feature. ET Series Building Intelligent Netw orks |