データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCI2250 データシート(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
部品番号 PCI2250
部品情報  PCI-TO-PCI BRIDGE
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

PCI2250 データシート(HTML) 21 Page - Texas Instruments

Back Button PCI2250 Datasheet HTML 17Page - Texas Instruments PCI2250 Datasheet HTML 18Page - Texas Instruments PCI2250 Datasheet HTML 19Page - Texas Instruments PCI2250 Datasheet HTML 20Page - Texas Instruments PCI2250 Datasheet HTML 21Page - Texas Instruments PCI2250 Datasheet HTML 22Page - Texas Instruments PCI2250 Datasheet HTML 23Page - Texas Instruments PCI2250 Datasheet HTML 24Page - Texas Instruments PCI2250 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
2–9
Table 2–8. Secondary PCI System
TERMINAL
NAME
PCM
NUMBER
PGF
NUMBER
I/O
DESCRIPTION
S_CLKOUT4
S_CLKOUT3
S_CLKOUT2
S_CLKOUT1
S_CLKOUT0
61
59
57
55
53
67
65
63
61
59
O
Secondary PCI bus clocks. Provide timing for all transactions on the secondary PCI bus.
Each secondary bus device samples all secondary PCI signals at the rising edge of its
corresponding S_CLKOUT input.
S_CLK
51
57
I
Secondary PCI bus clock input. This input syncronizes the PCI2250 to the secondary bus
clocks.
S_CFN
49
55
I
Secondary external arbiter enable. When this signal is high, the secondary external arbiter
is enabled. When the external arbiter is enabled, the S_REQ0 pin is reconfigured as a
secondary bus grant input to the bridge and S_GNT0 is reconfigured as a secondary bus
master request to the external arbiter on the secondary bus.
S_RST
48
54
O
Secondary PCI reset. S_RST is a logical OR of P_RST and the state of the secondary bus
reset bit of the bridge control register (offset 3Eh, see Section 4.32). S_RST is asynchronous
with respect to the state of the secondary interface CLK signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85