データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DR357-4-474 データシート(PDF) 1 Page - Datatronic Distribution, Inc.

部品番号 DR357-4-474
部品情報  SHIELDED SMD INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DATATRONICS [Datatronic Distribution, Inc.]
ホームページ  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR357-4-474 データシート(HTML) 1 Page - Datatronic Distribution, Inc.

  DR357-4-474 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
February 15, 2007
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SHIELDED SMD INDUCTOR DR357-4 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 10.0µH to 1000.0µH
Operating Temp. -30°C to +80°C
Tinned Leads with Leaded Solder is Available (note 7)
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance
(
µH) ± 30%
DCR
(
Ω) Max.
I rated
(A) Max.
DR357-4-103
10.0
0.026
3.45
DR357-4-123
12.0
0.032
3.40
DR357-4-153
15.0
0.040
2.83
DR357-4-183
18.0
0.046
2.62
DR357-4-223
22.0
0.059
2.44
DR357-4-273
27.0
0.065
2.24
DR357-4-333
33.0
0.081
1.88
DR357-4-393
39.0
0.103
1.70
DR357-4-473
47.0
0.122
1.56
DR357-4-563
56.0
0.145
1.39
DR357-4-683
68.0
0.193
1.36
DR357-4-823
82.0
0.219
1.20
DR357-4-104
100.0
0.247
1.09
DR357-4-124
120.0
0.298
1.00
DR357-4-154
150.0
0.355
0.91
DR357-4-184
180.0
0.393
0.84
DR357-4-224
220.0
0.484
0.75
DR357-4-274
270.0
0.633
0.68
DR357-4-334
330.0
0.780
0.60
DR357-4-394
390.0
0.958
0.57
DR357-4-474
470.0
1.220
0.50
DR357-4-564
560.0
1.352
0.47
DR357-4-684
680.0
1.519
0.43
DR357-4-824
820.0
1.694
0.39
DR357-4-105
1000.0
1.946
0.35
MECHANICAL OUTLINES
Notes:
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
±0.2mm, unless other specified
3.
Inductance Test: 100kHz, 0.1Vrms
4.
Irated for an approximate 40°C temperature rise
5.
Irated for an approximate 35% drop maximum of the initial value
6.
Tape and reel quantity, 2000 pcs/reel
7.
For non-RoHS parts, replace DR prefix with 42- (e.g. DR357-4 becomes 42-357-4)
8.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C


同様の部品番号 - DR357-4-474

メーカー部品番号データシート部品情報
logo
Datatronic Distribution...
DR357-4-474 DATATRONICS-DR357-4-474 Datasheet
102Kb / 1P
SHIELDED SMD INDUCTOR DR357-4 SERIES
More results

同様の説明 - DR357-4-474

メーカー部品番号データシート部品情報
logo
Datatronic Distribution...
DR331-8-102 DATATRONICS-DR331-8-102 Datasheet
76Kb / 1P
SHIELDED SMD INDUCTOR
DR350-1-332 DATATRONICS-DR350-1-332 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
DR350-3-332 DATATRONICS-DR350-3-332 Datasheet
83Kb / 1P
SHIELDED SMD INDUCTOR
DR357-1-252 DATATRONICS-DR357-1-252 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
DR358-3-412 DATATRONICS-DR358-3-412 Datasheet
102Kb / 1P
SHIELDED SMD INDUCTOR
DR358-6-332 DATATRONICS-DR358-6-332 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
logo
XFMRS Inc.
XFSDR63SH-1R5N XFMRS-XFSDR63SH-1R5N Datasheet
44Kb / 1P
Shielded SMD Inductor
XFTPRH5D28-101M XFMRS-XFTPRH5D28-101M Datasheet
62Kb / 1P
Shielded smd Inductor
XFTPRH105-6R8M XFMRS-XFTPRH105-6R8M Datasheet
46Kb / 1P
Shielded smd Inductor
XFTPRH105-102M XFMRS-XFTPRH105-102M Datasheet
47Kb / 1P
Shielded smd Inductor
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com