データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DR358-6-104 データシート(PDF) 1 Page - Datatronic Distribution, Inc.

部品番号 DR358-6-104
部品情報  SHIELDED SMD INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DATATRONICS [Datatronic Distribution, Inc.]
ホームページ  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR358-6-104 データシート(HTML) 1 Page - Datatronic Distribution, Inc.

  DR358-6-104 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
August 26, 2008
DATATRONIC: 28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance
(
μH) ± 30%
DCR
(
Ω) Max.
I rated
(A) Max.
DR358-6-332
3.3
0.020
3.50
DR358-6-502
5.0
0.024
2.90
DR358-6-622
6.2
0.030
2.40
DR358-6-742
7.4
0.033
2.30
DR358-6-872
8.7
0.034
2.20
DR358-6-103
10.0
0.038
2.00
DR358-6-123
12.0
0.053
1.70
DR358-6-153
15.0
0.057
1.60
DR358-6-183
18.0
0.092
1.50
DR358-6-223
22.0
0.096
1.30
DR358-6-273
27.0
0.109
1.20
DR358-6-333
33.0
0.124
1.10
DR358-6-393
39.0
0.138
1.00
DR358-6-473
47.0
0.155
0.95
DR358-6-563
56.0
0.202
0.85
DR358-6-683
68.0
0.234
0.75
DR358-6-823
82.0
0.324
0.70
DR358-6-104
100.0
0.358
0.65
MECHANICAL OUTLINES
Notes:
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
±0.2mm, unless other specified
3.
Inductance Test: 100kHz, 0.1Vrms
4.
Irated for an approximate 40°C temperature rise
5.
Irated for an approximate 35% drop maximum of the initial value
6.
Tape and reel quantity, 1000 pcs/reel
7.
For non-RoHS part replace DR prefix with 42- (e.g. DR358-6 becomes 42-358-6)
8.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C.
SHIELDED SMD INDUCTOR DR358-6 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 3.3µH to 100.0µH
Operating Temp. -20°C to +80°C
Tinned Leads with Leaded Solder is Available (note 7)


同様の部品番号 - DR358-6-104

メーカー部品番号データシート部品情報
logo
Datatronic Distribution...
DR358-6-104 DATATRONICS-DR358-6-104 Datasheet
97Kb / 1P
SHIELDED SMD INDUCTOR DR358-6 SERIES
More results

同様の説明 - DR358-6-104

メーカー部品番号データシート部品情報
logo
Datatronic Distribution...
DR331-7-102 DATATRONICS-DR331-7-102 Datasheet
85Kb / 2P
SHIELDED SMD INDUCTOR
DR331-8-102 DATATRONICS-DR331-8-102 Datasheet
76Kb / 1P
SHIELDED SMD INDUCTOR
DR350-1-332 DATATRONICS-DR350-1-332 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
DR350-3-332 DATATRONICS-DR350-3-332 Datasheet
83Kb / 1P
SHIELDED SMD INDUCTOR
DR357-1-252 DATATRONICS-DR357-1-252 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
DR358-3-412 DATATRONICS-DR358-3-412 Datasheet
102Kb / 1P
SHIELDED SMD INDUCTOR
logo
XFMRS Inc.
XFSDR63SH-1R5N XFMRS-XFSDR63SH-1R5N Datasheet
44Kb / 1P
Shielded SMD Inductor
XFTPRH5D28-101M XFMRS-XFTPRH5D28-101M Datasheet
62Kb / 1P
Shielded smd Inductor
XFTPRH105-6R8M XFMRS-XFTPRH105-6R8M Datasheet
46Kb / 1P
Shielded smd Inductor
XFTPRH105-102M XFMRS-XFTPRH105-102M Datasheet
47Kb / 1P
Shielded smd Inductor
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com