データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DR359-1-105 データシート(PDF) 1 Page - Datatronic Distribution, Inc.

部品番号 DR359-1-105
部品情報  SHIELDED SMD INDUCTOR/TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DATATRONICS [Datatronic Distribution, Inc.]
ホームページ  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR359-1-105 データシート(HTML) 1 Page - Datatronic Distribution, Inc.

  DR359-1-105 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
January 23, 2007
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SCHEMATIC
3
TOP VIEW
1
12.5
Max.
12.5 Max.
XXX
8.0 Max.
SIDE VIEW
BOTTOM VIEW
PCB SOLDER PAD LAYOUT (REF.)
2.00
(Ref.)
2.05(Ref.)
13.80
0.50
3.85
1
2
4
3
1
2
4
3
4
2
2.50
SHIELDED SMD INDUCTOR/TRANSFORMER DR359-1 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 0.47µH to 1000.0µH (Parallel Ratings)
Materials meet UL94V-0
Operating Temp. -20°C to +80°C
Tinned Leads with Leaded Solder is Available (note 8)
ELECTRICAL SPECIFICATIONS AT 25ºC
Parallel Ratings
Series Ratings
Part No.
Rated
Inductance
(
µH)
Inductance
(
µH) ± 20%
DCR
(
Ω) Typ.
I rms
(A) Max.
I sat
(A) Peak
Inductance
(
µH) ± 25%
DCR
(
Ω) Typ.
I rms
(A) Max.
I sat
(A) Peak
DR359-1-471
0.47
0.419
0.00195
17.9
56.0
1.676
0.0078
8.94
28.0
DR359-1-102
1.0
0.821
0.00261
15.5
40.0
3.284
0.0104
7.74
20.0
DR359-1-152
1.5
1.357
0.00341
13.5
31.1
5.428
0.0137
6.77
15.6
DR359-1-222
2.2
2.027
0.00373
12.5
25.5
8.108
0.0161
6.23
12.7
DR359-1-332
3.3
2.831
0.00567
10.4
21.5
11.32
0.0229
5.23
10.8
DR359-1-472
4.7
4.841
0.00971
8.25
16.5
19.36
0.0367
4.13
8.24
DR359-1-682
6.8
7.387
0.0116
7.34
13.3
29.55
0.0465
3.67
6.67
DR359-1-822
8.2
8.861
0.0157
6.32
12.2
35.44
0.0627
3.16
6.09
DR359-1-103
10.0
10.47
0.0172
6.04
11.2
41.88
0.0686
3.02
5.60
DR359-1-153
15.0
14.09
0.0247
5.03
9.66
56.36
0.0990
2.51
4.83
DR359-1-223
22.0
22.93
0.0391
4.00
7.57
91.72
0.1570
2.00
3.78
DR359-1-333
33.0
33.92
0.0600
3.23
6.22
135.7
0.2410
1.61
3.11
DR359-1-473
47.0
47.05
0.0719
2.95
5.28
188.2
0.2880
1.47
2.64
DR359-1-683
68.0
66.48
0.1050
2.44
4.44
265.9
0.4210
1.22
2.22
DR359-1-823
82.0
79.75
0.1430
2.09
4.06
319.0
0.5730
1.04
2.03
DR359-1-104
100.0
99.31
0.1630
1.96
3.64
397.2
0.6530
0.980
1.82
DR359-1-154
150.0
144.9
0.2470
1.59
3.01
579.6
0.9890
0.796
1.51
DR359-1-224
220.0
221.5
0.3760
1.29
2.43
886.0
1.500
0.645
1.22
DR359-1-334
330.0
323.6
0.5740
1.04
2.01
1294.0
2.300
0.522
1.01
DR359-1-474
470.0
467.1
0.8610
0.85
1.68
1868.0
3.400
0.427
0.838
DR359-1-684
680.0
676.7
1.0800
0.76
1.39
2707.0
4.320
0.380
0.697
DR359-1-824
820.0
818.1
1.4700
0.65
1.27
3272.0
5.880
0.325
0.633
DR359-1-105
1000.0
1005.0
1.6600
0.61
1.14
4020.0
6.640
0.307
0.571
MECHANICAL OUTLINES
Notes
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
±0.2mm, unless other
specified
3.
Inductance Test: 100kHz, 0.25Vrms, Parallel :
(1,2-3,4), Series: (1-4) tie (2-3)
4.
Irms for an approximate 40°C temperature rise
5.
Isat for an approximate 30% drop maximum of
the nominal value
6.
Turns Ratio (1-3) : (2-4) = 1 : 1
7.
Tape and reel quantity, 350 pcs/reel
8.
For non-RoHS parts replace DR prefix with
42- (e.g. DR359-1 becomes 42-359-1)
9.
Terminal finish is compliant to RoHS
requirements. Solder in accordance with J-
STD-020C.


同様の部品番号 - DR359-1-105

メーカー部品番号データシート部品情報
logo
Datatronic Distribution...
DR359-1-105 DATATRONICS-DR359-1-105 Datasheet
135Kb / 1P
SHIELDED SMD INDUCTOR/TRANSFORMER DR359-1 SERIES
More results

同様の説明 - DR359-1-105

メーカー部品番号データシート部品情報
logo
Datatronic Distribution...
DR331-8-102 DATATRONICS-DR331-8-102 Datasheet
76Kb / 1P
SHIELDED SMD INDUCTOR
DR350-1-332 DATATRONICS-DR350-1-332 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
DR350-3-332 DATATRONICS-DR350-3-332 Datasheet
83Kb / 1P
SHIELDED SMD INDUCTOR
DR357-1-252 DATATRONICS-DR357-1-252 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
DR358-3-412 DATATRONICS-DR358-3-412 Datasheet
102Kb / 1P
SHIELDED SMD INDUCTOR
DR358-6-332 DATATRONICS-DR358-6-332 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
logo
Bourns Electronic Solut...
PM600-01-RC BOURNS-PM600-01-RC Datasheet
369Kb / 5P
SMD Inductor/Transformer
PM3602-5-RC BOURNS-PM3602-5-RC Datasheet
260Kb / 3P
SMD Inductor/Transformer
logo
Datatronic Distribution...
DR359-1 DATATRONICS-DR359-1_14 Datasheet
135Kb / 1P
SHIELDED SMD INDUCTOR/TRANSFORMER DR359-1 SERIES
logo
XFMRS Inc.
XFTPRH5D28-101M XFMRS-XFTPRH5D28-101M Datasheet
62Kb / 1P
Shielded smd Inductor
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com