| データシートサーチシステム |
|
A41CS5VDC データシート(PDF) 1 Page - CIT Relay & Switch |
|
|
|||||||||||||||||||||||||||||
A41CS5VDC データシート(HTML) 1 Page - CIT Relay & Switch |
|
1 / 2 page ![]() www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 A4 16.9 x 14.5 (29.7) x 19.5 mm RoHS Compliant Coil Voltage VDC Coil Resistance Ω +/- 10% Pick Up Voltage VDC (max) 70% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms Rated Max 3 3.9 9 2.10 .3 1.00 15 5 5 6.5 25 3.50 .5 6 7.8 36 4.20 .6 9 11.7 85 6.30 .9 12 15.6 145 8.40 1.2 18 23.4 342 12.60 1.8 24 31.2 576 16.80 2.4 • Low coil power consumption • Switching current up to 20A with small size and light weight • Suitable for household appliances, automotive applications • Dual relay available General Data Contact Data Coil Data Caution 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. Contact 1A & 1U = SPST N.O. Arrangement 1C & 1W = SPDT 2A & 2U = (2) SPST N.O. 2C & 2W = (2) SPDT Contact Rating 1A & 1C = 10A @ 120VAC, 28VDC & 20A @ 14VDC 2A & 2C = 10A @ 120VAC, 28VDC & 20A @ 14VDC 1U & 1W = 2x10A @ 120VAC, 28VDC 1U & 1W = 2x20A @ 14VDC 2U & 2W = 2x10A @ 120VAC, 28VDC 2U & 2W = 2x20A @ 14VDC Contact Resistance < 30 milliohms initial Contact Material AgSnO2 Max Switching Power 1A & 1C : 280W 1U & 1W : 2x280W Max Switching Voltage 380VAC, 75VDC Max Switching Current 20A Features Electrical Life @ rated load 100K cycles, typical Mechanical Life 10M cycles, typical Insulation Resistance 100M Ω min. @ 500VDC Dielectric Strength, Coil to Contact 1500V rms min. @ sea level Contact to Contact 750V rms min. @ sea level Shock Resistance 100m/s2 for 11 ms Vibration Resistance 1.27mm double amplitude 10~40Hz Terminal (Copper Alloy) Strength 10N Operating Temperature -40oC to +85oC Storage Temperature -40oC to +155oC Solderability 260oC for 5 s Weight 12g & 24g |
同様の部品番号 - A41CS5VDC |
|
同様の説明 - A41CS5VDC |