| データシートサーチシステム |
|
EP2S15 データシート(PDF) 11 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP2S15 データシート(HTML) 11 Page - Altera Corporation |
|
11 / 238 page ![]() Altera Corporation 2–3 May 2007 Stratix II Device Handbook, Volume 1 Stratix II Architecture The number of M512 RAM, M4K RAM, and DSP blocks varies by device along with row and column numbers and M-RAM blocks. Table 2–1 lists the resources available in Stratix II devices. Logic Array Blocks Each LAB consists of eight ALMs, carry chains, shared arithmetic chains, LAB control signals, local interconnect, and register chain connection lines. The local interconnect transfers signals between ALMs in the same LAB. Register chain connections transfer the output of an ALM register to the adjacent ALM register in an LAB. The Quartus® II Compiler places associated logic in an LAB or adjacent LABs, allowing the use of local, shared arithmetic chain, and register chain connections for performance and area efficiency. Figure 2–2 shows the Stratix II LAB structure. Table 2–1. Stratix II Device Resources Device M512 RAM Columns/Blocks M4K RAM Columns/Blocks M-RAM Blocks DSP Block Columns/Blocks LAB Columns LAB Rows EP2S15 4 / 104 3 / 78 0 2 / 12 30 26 EP2S30 6 / 202 4 / 144 1 2 / 16 49 36 EP2S60 7 / 329 5 / 255 2 3 / 36 62 51 EP2S90 8 / 488 6 / 408 4 3 / 48 71 68 EP2S130 9 / 699 7 / 609 6 3 / 63 81 87 EP2S180 11 / 930 8 / 768 9 4 / 96 100 96 |