| データシートサーチシステム |
|
74LS148 データシート(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
74LS148 データシート(HTML) 14 Page - Texas Instruments |
|
14 / 22 page ![]() PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 78027012A ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC 7802701EA ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC 7802701FA ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC JM38510/36001B2A ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC JM38510/36001BEA ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC JM38510/36001BFA ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SN54148J OBSOLETE CDIP J 16 TBD Call TI Call TI SN54LS148J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SN74147N OBSOLETE PDIP N 16 TBD Call TI Call TI SN74148J OBSOLETE CDIP J 16 TBD Call TI Call TI SN74148N OBSOLETE PDIP N 16 TBD Call TI Call TI SN74148N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS147DR OBSOLETE SOIC D 16 TBD Call TI Call TI SN74LS147N OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS148D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS148DE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS148DR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS148DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS148J OBSOLETE CDIP J 16 TBD Call TI Call TI SN74LS148N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS148N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS148NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS148NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS148NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SNJ54148J OBSOLETE CDIP J 16 TBD Call TI Call TI SNJ54148W OBSOLETE CFP W 16 TBD Call TI Call TI SNJ54LS148FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS148J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS148W ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS) or Green (RoHS & no Sb/Br) - please check PACKAGE OPTION ADDENDUM www.ti.com 26-Sep-2005 Addendum-Page 1 |