| データシートサーチシステム |
|
SW1144BYE データシート(PDF) 2 Page - Pletronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SW1144BYE データシート(HTML) 2 Page - Pletronics, Inc. |
|
2 / 7 page ![]() SW11B Series Sine Wave Oscillators December 2006 www.pletronics.com 425-776-1880 2 PART NUMBER: SW11 45 BY E - 230.0M - XX Internal code or blank Frequency in MHz Optional Enhanced OTR E = Temperature range -40 to 85 oC Series Model Frequency Stability 45 = + _ 50 ppm 44 = + _ 25 ppm 20 = + _ 20 ppm Series Model Part Marking: PLE SW11 FF.FFFM CCCC YMDXX or SWYWWXX FF.FFFM CCCC PXXXXX Legend: P or PLE = Pletronics FF.FFFM = Frequency in MHz YWW or YMD = Date of Manufacture (year and week, or year, month and day) All other marking is internal factory codes Specifications such as frequency stability, supply voltage and operating temperature range, etc. are not identified from the marking. External packaging labels and packing list will correctly identify the ordered Pletronics part number. Codes for Date Code YMD Code 6 7 8 9 0 1 2 Year 2006 2007 2008 2009 2010 2011 2012 Code A B C D E F G H J K L M Month JAN FEB MAR APR MAY JUN JUL AUG SEP OCT NOV DEC Code 1 2 3 4 5 6 7 8 9 A B C Day 1 2 3 4 5 6 7 8 9 10 11 12 Code D E F G H J K L M N P R Day 13 14 15 16 17 18 19 20 21 22 23 24 Code T U V W X Y Z Day 25 26 27 28 29 30 31 Electrical Specification: for Supply Voltage V CC of 5.0V + _5%, over the specified temperature range |