データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

E787800VGS152MP79C データシート(PDF) 6 Page - United Chemi-Con, Inc.

部品番号 E787800VGS152MP79C
部品情報  Large Tubulars
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHEMI-CON [United Chemi-Con, Inc.]
ホームページ  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E787800VGS152MP79C データシート(HTML) 6 Page - United Chemi-Con, Inc.

  E787800VGS152MP79C Datasheet HTML 1Page - United Chemi-Con, Inc. E787800VGS152MP79C Datasheet HTML 2Page - United Chemi-Con, Inc. E787800VGS152MP79C Datasheet HTML 3Page - United Chemi-Con, Inc. E787800VGS152MP79C Datasheet HTML 4Page - United Chemi-Con, Inc. E787800VGS152MP79C Datasheet HTML 5Page - United Chemi-Con, Inc. E787800VGS152MP79C Datasheet HTML 6Page - United Chemi-Con, Inc. E787800VGS152MP79C Datasheet HTML 7Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
25 Volts
32 Volts Surge
35 Volts
44 Volts Surge
50 Volts
63 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
6/7
U787D Series
Engineering Bulletin Mar 07
1,200
E787250VGS122MT29C
0.750
1.125
T29
58.1
63.8
5.3
1,800
E787250VGS182MT35C
0.750
1.375
T35
45.5
49.0
6.5
2,200
E787250VGS222MT41C
0.750
1.625
T41
32.9
34.1
7.6
3,900
E787250VGS392MT54C
0.750
2.125
T54
23.5
24.2
9.5
4,700
E787250VGS472MT67C
0.750
2.625
T67
18.9
19.8
11.3
5,600
E787250VGS562MT79C
0.750
3.125
T79
16.1
16.5
13.5
1,800
E787250VGS182MP29C
0.875
1.125
P29
38.9
39.6
7.0
2,700
E787250VGS272MP35C
0.875
1.375
P35
29.6
30.3
8.7
3,300
E787250VGS332MP41C
0.875
1.625
P41
20.3
20.9
10.3
5,600
E787250VGS562MP54C
0.875
2.125
P54
14.3
14.3
13.3
6,800
E787250VGS682MP67C
0.875
2.625
P67
11.3
12.1
15.4
10,000
E787250VGS103MP79C
0.875
3.125
P79
9.7
9.9
18.5
2,200
E787250VGS222MQ29C
1.000
1.125
Q29
30.0
30.8
8.3
3,900
E787250VGS392MQ35C
1.000
1.375
Q35
22.9
23.7
10.3
5,600
E787250VGS562MQ41C
1.000
1.625
Q41
15.8
16.5
12.3
8,200
E787250VGS822MQ54C
1.000
2.125
Q54
11.3
12.1
15.3
10,000
E787250VGS103MQ67C
1.000
2.625
Q67
9.2
9.9
17.8
12,000
E787250VGS123MQ79C
1.000
3.125
Q79
7.8
8.8
19.1
15,000
E787250VGS153MQ92C
1.000
3.625
Q92
7.0
7.7
22.0
680
E787350VGS681MT29C
0.750
1.125
T29
58.1
63.8
5.3
1,200
E787350VGS122MT35C
0.750
1.375
T35
45.5
49.0
6.5
1,500
E787350VGS152MT41C
0.750
1.625
T41
32.9
34.1
7.6
2,200
E787350VGS222MT54C
0.750
2.125
T54
23.5
24.2
9.5
3,300
E787350VGS332MT67C
0.750
2.625
T67
18.9
19.8
11.3
3,900
E787350VGS392MT79C
0.750
3.125
T79
16.1
16.5
13.5
1,200
E787350VGS122MP29C
0.875
1.125
P29
38.9
39.6
7.0
1,800
E787350VGS182MP35C
0.875
1.375
P35
29.6
30.3
8.7
2,200
E787350VGS222MP41C
0.875
1.625
P41
20.3
20.9
10.3
3,900
E787350VGS392MP54C
0.875
2.125
P54
14.3
14.3
13.3
4,700
E787350VGS472MP67C
0.875
2.625
P67
11.3
12.1
15.4
5,600
E787350VGS562MP79C
0.875
3.125
P79
9.7
9.9
18.5
1,500
E787350VGS152MQ29C
1.000
1.125
Q29
30.0
30.8
8.3
2,700
E787350VGS272MQ35C
1.000
1.375
Q35
22.9
23.7
10.3
3,300
E787350VGS332MQ41C
1.000
1.625
Q41
15.8
16.5
12.3
5,600
E787350VGS562MQ54C
1.000
2.125
Q54
11.3
12.1
15.3
6,800
E787350VGS682MQ67C
1.000
2.625
Q67
9.2
9.9
17.8
8,200
E787350VGS822MQ79C
1.000
3.125
Q79
7.8
8.8
19.1
10,000
E787350VGS103MQ92C
1.000
3.625
Q92
7.0
7.7
22.0
390
E787500VGS391MT29C
0.750
1.125
T29
105.0
147.0
4.2
680
E787500VGS681MT35C
0.750
1.375
T35
88.0
123.0
5.1
820
E787500VGS821MT41C
0.750
1.625
T41
70.0
98.0
6.0
1,200
E787500VGS122MT54C
0.750
2.125
T54
51.8
72.8
7.8
1,800
E787500VGS182MT67C
0.750
2.625
T67
32.2
45.2
9.0
2,200
E787500VGS222MT79C
0.750
3.125
T79
24.9
35.0
9.6
680
E787500VGS681MP29C
0.875
1.125
P29
69.0
96.6
5.8
1,000
E787500VGS102MP35C
0.875
1.375
P35
52.7
73.8
7.1
1,200
E787500VGS122MP41C
0.875
1.625
P41
36.4
51.0
8.4
2,200
E787500VGS222MP54C
0.875
2.125
P54
28.0
39.2
10.8
2,700
E787500VGS272MP67C
0.875
2.625
P67
20.3
28.4
12.4
3,300
E787500VGS332MP79C
0.875
3.125
P79
15.8
22.1
13.2
820
E787500VGS821MQ29C
1.000
1.125
Q29
53.1
74.2
6.6
1,500
E787500VGS152MQ35C
1.000
1.375
Q35
41.0
57.4
8.2
1,800
E787500VGS182MQ41C
1.000
1.625
Q41
28.8
40.6
9.8
2,700
E787500VGS272MQ54C
1.000
2.125
Q54
22.4
31.4
12.6
3,900
E787500VGS392MQ67C
1.000
2.625
Q67
17.9
25.1
14.4
4,700
E787500VGS472MQ79C
1.000
3.125
Q79
14.0
19.6
15.4
5,600
E787500VGS562MQ92C
1.000
3.625
Q92
11.8
16.8
18.0
Standard Voltage Ratings - Large Tubulars
Rated
Voltage
(WVDC)
Capacitance
(µF )
Global
Part Number
†
Nominal
Case Size*
D
L (inches)
Case
Size
Code
Rated
Ripple Current
(A rms) at
125 C, 20kHz
Maximum
Impedance
(m
Ω) at
25 C, 100kHz
Maximum
ESR
(m
Ω) at 25 C
20k-100kHz
†For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com