| データシートサーチシステム |
|
MICRF302 データシート(PDF) 9 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MICRF302 データシート(HTML) 9 Page - Micrel Semiconductor |
|
9 / 15 page ![]() Micrel, Inc. MICRF302 October 2008 9 M9999-100908-A Figure 9. MICRF302 Time Figure 10 is an example of an RF link when a Micrel MICRF211 radio receiver is used to receive and demodulate a transmitted MICRF302 baseband signal. The MICRF302 Tester or the TX112-MICRF302 KEYFOB can be used to transmit the MICRF302 baseband signal. MICRF211 and MICRF302 Data Output Figure 10. Micrel Receiver Example Receiving MICRF302 Data Output |