データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GM5621 データシート(PDF) 2 Page - STMicroelectronics

部品番号 GM5621
部品情報  Dual input LCD controller for entry level applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GM5621 データシート(HTML) 2 Page - STMicroelectronics

  GM5621 Datasheet HTML 1Page - STMicroelectronics GM5621 Datasheet HTML 2Page - STMicroelectronics GM5621 Datasheet HTML 3Page - STMicroelectronics GM5621 Datasheet HTML 4Page - STMicroelectronics GM5621 Datasheet HTML 5Page - STMicroelectronics GM5621 Datasheet HTML 6Page - STMicroelectronics GM5621 Datasheet HTML 7Page - STMicroelectronics GM5621 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Description
GM5621, GM5626, GM2621
2/8
1
Description
Genesis GM5621 and GM5626 are all-in-one dual input LCD monitor controllers supporting
resolutions up to SXGA/WXGA, available in a very low pin count package. GM5621/5626
leverage Genesis patented advanced image-processing technology, as well as a proven
integrated ADC/PLL and an Ultra-Reliable DVI compliant digital receiver to deliver a high-
quality solution for mainstream analog and dual input monitors. GM5621/5626 offer new
Instant Auto technology, which provides fast and accurate image alignment for both static
and moving images of the analog input signal. GM5621 includes an on-chip, industry
standard, dual channel LVDS transmitter and a TCON, and GM5626 includes a dual
channel RSDS transmitter for direct interfacing of commercially available LVDS/RSDS LCD
panel modules.
In addition, GM5621/5626 include an integrated x86 OCM with SPI compatible interface, a
multicolor proportional font OSD engine, a programmable coefficient scaling engine, dual
channel Schmitt and Reset circuitry. Along with high quality and reliability, GM5621/5626
also provide a very low cost system design by reducing the number of components and the
reduction in the board size.
GM2621 is a pin-compatible analog derivative product with integrated ADC/PLL, but no DVI
receiver.



Html Pages

1 2 3 4 5 6 7 8