| データシートサーチシステム |
|
UM0034 データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0034 データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 39 page ![]() ST7-EMU3 series emulator In-circuit communication configuration 25/39 Figure 23. In-circuit communication configuration 5.2 ICC connection requirements To take advantage of ICC, you must integrate an ICC connector into your application hardware when you start developing your application. To help you implement ICP and ICD in the development of your application, this section provides a summary of points you should consider when installing an ICC connector. Figure 24. In-circuit communication connector Using the ICC protocol requires that a minimum of 4 and as many as 6 pins of your ST7 be relayed to the ICC connector. These connection requirements are illustrated in Figure 25, below and summarized in Figure 4. Host PC Running ST7 Visual Develop (STVD7) or ST7 Visual Programmer (STVP7) ST Micro Connect box Interface between PC and application boa ICC connection via ‘Ext Link’ ST7 with debug module Application board interface ICC Add-on Uses signal voltage of 3.3 or 5 volts Connects to your application board via the ICC connector Emulator-to-PC Connects via parallel and USB ports To connect to your application board for ICP and ICD, you need to install a 10-pin, HE-10 type connector (also called an ICC connector) and ensure the appropriate connections to your ST7. This connector receives the ICC cable and relays the signals required for ICP and ICD to your ST7. |