データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0068 データシート(PDF) 13 Page - STMicroelectronics

部品番号 UM0068
部品情報  USB low-speed evaluation board
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0068 データシート(HTML) 13 Page - STMicroelectronics

Back Button UM0068 Datasheet HTML 9Page - STMicroelectronics UM0068 Datasheet HTML 10Page - STMicroelectronics UM0068 Datasheet HTML 11Page - STMicroelectronics UM0068 Datasheet HTML 12Page - STMicroelectronics UM0068 Datasheet HTML 13Page - STMicroelectronics UM0068 Datasheet HTML 14Page - STMicroelectronics UM0068 Datasheet HTML 15Page - STMicroelectronics UM0068 Datasheet HTML 16Page - STMicroelectronics UM0068 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
UM0068
Running the USB low speed evaluation board
11/15
12
PC4
13
PC3
14
PC2
PC2
15
OSCIN
OSCIN
16
OSCOUT
OSCOUT
17
VSS
VSS
18
VDD
VDD
19
PC1
PC1
20
PC0
PC0
21
PB7
PB7
22
PB6
PB6
23
PB5
PB5
24
PB4
PB4
25
PB3
PB3
26
PB2
PB2
27
PB1
PB1
28
PB0
PB0
29
PA7
PA7
30
PA6
PA6
31
PA5
PA5
32
PA4
PA4
33
PA3
PA3
34
PA2
PA2
35
PA1
PA1
36
PA0
PA0
37
RESET
RESET
38
VSSA
39
USBDM
USBDM
40
USBDP
USBDP
41
USBVCC
USBVCC
42
VDDA
VDDA
43
An.Trim.
An.Trim.
Table 1.
Description of evaluation board probing points (continued)
Probing point
ST7262xxx
ST7263Bxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17