| データシートサーチシステム |
|
74ALS996 データシート(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
74ALS996 データシート(HTML) 2 Page - Texas Instruments |
|
2 / 9 page ![]() SN54ALS996, SN74ALS996 8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES SDAS098B – OCTOBER 1984 – REVISED JANUARY 1995 2–2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic symbol† 11 CLK 2D 2 3D 3 4D 4 5D 5 6D 6 7D 7 8D 8 5Q 19 6Q 18 7Q 17 8Q 16 2Q 22 3Q 21 4Q 20 1Q 23 1D 1 1D 9 EN 2 10 RD R 13 CLR N3 14 T/C EN4 15 OE 3,4 & EN2 C1 ≥ 1 † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. Pin numbers shown are for the DW, JT, and NT packages. logic diagram (positive logic) To Seven Other Channels 15 23 OE 1Q 14 T/C 13 CLR 10 RD 1D C1 R 9 EN 11 CLK 1 1D Pin numbers shown are for the DW, JT, and NT packages. |