| データシートサーチシステム |
|
TC143ESA データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
|
|||||||||||||||||||||||||||||
TC143ESA データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
1 / 2 page ![]() DTC1 43EE/DTC143EUA/DTC143EKA DTC1 43ECA/TC143ESA NP N Digital Transistors (Built-in Resistors) FEATURES * Built-in bias resistors enable the configuration of an inverter circuit without connecting input resistors * Only the on/off confitions need to be set for operation, making device design easy. * The bias resistors consis of thin-film resistors with compete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. Elektronische Bauelemente http://www.SeCoSGmbH.com Any changing of specification will not be informed individua l 01-Jun-2002 Rev. A Page 1 of 2 PIN CONNENCTIONS AND MARKING (see equivalent circuit). SOT-523 SOT-323 TO-92S SOT-23 SOT-23-3L DTC143EE DTC143EUA DTA114ECA DTC143ECA DTC143EKA DTC143ESA Abbreviated symbol: 23 Abbreviated symbol: 23 Abbreviated symbol: 23 Abbreviated symbol: 23 |
同様の部品番号 - TC143ESA |
|
同様の説明 - TC143ESA |