| データシートサーチシステム |
|
SN74GTL16622ADGG データシート(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74GTL16622ADGG データシート(HTML) 9 Page - Texas Instruments |
|
9 / 10 page ![]() SN54GTL16622A, SN74GTL16622A 18-BIT LVTTL-TO-GTL/GTL+ BUS TRANSCEIVERS SCBS673D – AUGUST 1996 – REVISED DECEMBER 1999 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION th tsu From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT FOR A OUTPUTS S1 6 V Open GND 500 Ω 500 Ω TEST tPLH/tPHL tPLZ/tPZL tPHZ/tPZH S1 Open 6 V GND tPLH tPHL Output Control (see Note B) Output Waveform 1 S1 at 6 V (see Note C) Output Waveform 2 S1 at GND (see Note C) VOL VOH tPZL tPZH tPLZ tPHZ 3 V 0 V VREF VREF VOH VOL 0 V VOL + 0.3 V VOH – 0.3 V ≈0 V 3 V 0 V 0 V 3 V 0 V tw Input (see Note B) 3 V 3 V 3 V VOLTAGE WAVEFORMS SETUP AND HOLD TIMES VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES (CLKAB to B port) VOLTAGE WAVEFORMS PULSE DURATION VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES (OEBA to A port) Timing Input Data Input A Port Output Input VTT Test Point CL = 30 pF (see Note A) From Output Under Test 25 Ω LOAD CIRCUIT FOR B OUTPUTS tPLH tPHL 0 V VOH VOL Input (see Note B) VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES (CLKBA to A port) Output 3 V VREF VREF 0 V VTT Data Input B Port NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns. C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. D. The outputs are measured one at a time with one transition per measurement. 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V Figure 1. Load Circuits and Voltage Waveforms |