データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IPM-C652 データシート(PDF) 2 Page - JDS Uniphase Corporation

部品番号 IPM-C652
部品情報  Miniature Integrated Power Monitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JDSU [JDS Uniphase Corporation]
ホームページ  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

IPM-C652 データシート(HTML) 2 Page - JDS Uniphase Corporation

  IPM-C652 Datasheet HTML 1Page - JDS Uniphase Corporation IPM-C652 Datasheet HTML 2Page - JDS Uniphase Corporation IPM-C652 Datasheet HTML 3Page - JDS Uniphase Corporation IPM-C652 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(Specifications in mm unless otherwise noted.)
IPM Single Unit Diagram
2
MINIATURE INTEGRATED POWER MONITOR
(Specifications in mm unless otherwise noted.)
IPM Array (6 to 8 channels) Diagram
20.1 MAX
18.35
0.50 X 0.50
Ø 0.50
PITCH 2.54
7.0 MAX
Ø 3.20
32.00
PITCH 2.54 X 11
=27.94
32.50
3.0
27.94
Ø 1.14
Ø 0.51
3.20
6.00
PIN 1
22.86
BOTTOM VIEW
IPM Array Pinout
Pin
Description
1
Anode (Common)
2
Cathode 1
3
Cathode 2
4
Anode (Common)
5
Cathode 3
6
Cathode 4
7
Cathode 5
8
Anode (Common)
9
Cathode 6
10
Cathode 7
11
Anode (Common)
12
Cathode 8
(8 channel only)



Html Pages

1 2 3 4