| データシートサーチシステム |
|
B19LP データシート(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
B19LP データシート(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
5 / 8 page ![]() NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com 03-07 Process Sealed Subminiature Antistatic Toggles Series B PC TERMINALS Color Codes: Straight Material: PVC Colors Available: A, B, C Straight with Bracket Material: PVC Colors Available: A, B, C Black White Red Yellow Green Blue A B C E F G P B Right Angle with Bracket Vertical with Bracket V Straight Long W OPTIONAL CAPS AT4003 .394” (10.0mm) Bat Lever Cap G AT4064 .248” (6.3mm) Bat Lever Cap J 26 ° (3.0) Dia .118 (10.0) .394 (11.0) .433 (6.3) .248 26 ° (7.0) .276 (3.0) Dia .118 AT467 Short Paddle for K Toggle A AT468 Long Paddle for K Toggle B Material: Polyamide Colors Available: A, B, C, E, F, G, H Material: Polyamide Colors Available: A, B, C, E, F, G, H (4.4) .173 (14.2) .559 26 ° (2.4) .094 (10.3) .406 Gray H (9.4) .370 (5.0) .197 (4.6) .181 26 ° (2.4) .094 (15.1) .594 (5.0) Dia .197 (2.54) Typ .100 (0.6) Dia Typ .024 (3.1) Typ .122 (5.08) .200 (3.1) .122 (0.4) Typ .016 (0.6) Dia Typ .024 (2.54) Typ .100 (10.16) .400 (5.08) .200 (5.08) .200 (0.6) Typ .024 H (0.4) .016 (0.6) .024 (2.54) Typ .100 (0.6) Dia Typ .024 (0.5) Typ .020 (5.08) .200 (18.9) .744 (2.54) Typ .100 (0.6) Dia Typ .024 (0.4) .016 (0.5) Typ .020 (0.6) .024 (2.54) Typ .100 (2.54) Typ .100(0.6) Dia Typ .024 PADDLES Use of a support bracket is recommended to increase PCB mounting strength and stability. |