| データシートサーチシステム |
|
G3T19AP-R データシート(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
G3T19AP-R データシート(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
6 / 6 page ![]() NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com 03-07 Ultra-Miniature Process Sealed SMT Toggles Series G3T PACKAGING (CONTINUED) Tape-Reel Packaging for Right Angle Mount Each tape-reel of 550 pockets contains 500 switches. Minimum Leader Length: 7.87” (200mm) Minimum Trailer Length: 1.97” (50mm) Reel Dimensions Tape Dimensions Stick-Tube Packaging for Upright Mount Each stick-tube contains 50 switches. L = Length G3T Upright (code P) 18.31” (465mm) G3T Upright with Bracket (code B) 21.26” (540mm) Stick-Tube Dimensions (78.49) Dia 3.090 (2.0) .079 (24.4) .961 (13.0) Dia .512 (2.0) Typ .079 (21.0) Dia .827 Overall Dia (330.0) 13.0 Terminal #1 Part No. Direction of Feed (2.1) Dia Typ .083 (1.5) Dia Typ .059 (4.0) Typ .157 (16.0) Typ .630 (2.0) Typ .079 (1.75) .069 (11.5) .453 (24.0) .945 (6.0) .236 (0.4) .016 (17.8) .701 (8.6) .339 (13.9) .547 (1.5) R .059 (2.0) .079 (9.8) .386 (15.3) .602 (7.7) .303 L |