3 / 5 page

Dated : 20/10/2005
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
3K
5K
1K
50
Ta
=1
00
C
50
10
OUTPUT CURRENT Io (mA)
30
10
5
1
3
13
300
Ta=-25 C
Ta=25 C
30
o
100
o
o
1K
1
10
5
3
30
3
Ta=-25 C
Ta=25 C
1.0
INPUT ON VOLTAGE VI(ON) (V)
INPUT OFF VOLTAGE VI(OFF) (V)
500
1K
5K
3K
30
50
100
300
300
100
MMBTRC241SS
0.6
Vo=5.0V
0.4
0.8
MMBTRC241SS
Vo=5.0V
300
500
10
3
5
50
30
1
0.5
0.3
100
Vo=0.3V
0.3
0.1
1
MMBTRC241SS
1.8
1.4
GI - Io
1.2
1.6
Io - VI(OFF)
2.0
100
300
50
30
100
500
300
300
30
10
o
o
100
Io - VI(ON)
300
1K
1
0.3
0.5
5
3
50
30
10
100
500
OUTPUT CURRENT Io (mA)
Ta
=1
00
C
3
110
o
100
30
Ta=-25 C
Ta=25 C
o
o
300
1K
Io - VI(OFF)
INPUT ON VOLTAGE VI(ON) (V)
GI - Io
INPUT OFF VOLTAGE VI(OFF) (V)
MMBTRC242SS
Vo=5.0V
0.4
0.6
0.8
1.0
MMBTRC242SS
Vo=5.0V
1.2
1.4
1.6
1.8
Ta=-25 C
Ta=25 C
Vo=0.3V
0.1
0.3
13
MMBTRC242SS
10
o
o
30
100 300
2.0
1K
Io - VI(ON)
MMBTRC241SS~MMBTRC246SS