| データシートサーチシステム |
|
G232I データシート(PDF) 2 Page - MicroPower Direct, LLC |
|
|
|||||||||||||||||||||||||||||
G232I データシート(HTML) 2 Page - MicroPower Direct, LLC |
|
2 / 2 page ![]() Notes: All dimensions are typical in inches (mm) Tolerance x.xx = !0.01 (!0.25) Pin 1 is marked by a “dot” or indentation on the top of the unit Model Number Input Output Load Regulation (%, Max) Efficiency (%, Typ) Fuse Rating Slow-Blow (mA) Voltage (VDC) Current (mA) Voltage (VDC) Current (mA, Max) Current (mA, Min) Nominal Range Full-Load No-Load G201I 5 4.5 - 5.5 452 35 3.3 500.0 10.0 11 73 1,000 G202I 5 4.5 - 5.5 526 35 5.0 400.0 8.0 11 76 1,000 G203I 5 4.5 - 5.5 495 35 12.0 165.0 3.0 7 80 1,000 G204I 5 4.5 - 5.5 499 35 15.0 133.0 2.5 7 80 1,000 G205I 5 4.5 - 5.5 519 35 !5.0 !200.0 !4.0 10 77 1,000 G206I 5 4.5 - 5.5 504 35 !12.0 !83.0 !1.5 7 79 1,000 G207I 5 4.5 - 5.5 501 35 !15.0 !66.0 !1.0 7 79 1,000 G211I 12 10.8 - 13.2 185 25 3.3 500.0 10.0 8 74 500 G212I 12 10.8 - 13.2 212 25 5.0 400.0 8.0 8 78 500 G213I 12 10.8 - 13.2 200 25 12.0 165.0 3.0 5 82 500 G214I 12 10.8 - 13.2 200 25 15.0 133.0 2.5 5 83 500 G215I 12 10.8 - 13.2 222 25 !5.0 !200.0 !4.0 875 500 G216I 12 10.8 - 13.2 201 25 !12.0 !83.0 !1.5 582 500 G217I 12 10.8 - 13.2 200 25 !15.0 !66.0 !1.0 582 500 G221I 24 21.6 - 26.4 92 10 3.3 500.0 10.0 8 74 200 G222I 24 21.6 - 26.4 108 10 5.0 400.0 8.0 8 77 200 G223I 24 21.6 - 26.4 101 10 12.0 165.0 3.0 5 81 200 G224I 24 21.6 - 26.4 101 10 15.0 133.0 2.5 5 82 200 G225I 24 21.6 - 26.4 111 10 !5.0 !200.0 !4.0 875 200 G226I 24 21.6 - 26.4 102 10 !12.0 !83.0 !1.5 581 200 G227I 24 21.6 - 26.4 100 10 !15.0 !66.0 !1.0 582 200 G231I 48 43.2 - 54.8 28 6 3.3 500.0 10.0 8 74 100 G232I 48 43.2 - 54.8 27 6 5.0 400.0 8.0 8 77 100 G233I 48 43.2 - 54.8 26 6 12.0 165.0 3.0 5 81 100 G234I 48 43.2 - 54.8 25 6 15.0 133.0 2.5 5 82 100 G235I 48 43.2 - 54.8 28 6 !5.0 !200.0 !4.0 875 100 G236I 48 43.2 - 54.8 26 6 !12.0 !83.0 !1.5 581 100 G237I 48 43.2 - 54.8 25 6 !15.0 !66.0 !1.0 582 100 232 Tosca Drive, Stoughton, MA 02072 www.micropowerdirect.com sales@micropowerdirect.com phone: (781) 344 - 8226 * fax: (781) 344 - 8481 Mechanical Dimensions MicroPower Direct Pin Single Dual 1 -Vin -Vin 7NC NC 8 +Vout +Vout 9 No Pin Common 10 -Vout -Vout 14 +Vin +Vin NC = No Connection Pin Connections Single Output µF Max Dual Output µF Max 470 !390 Capacitive Load Model Selection Guide Notes: 1. Dual output units may be connected to provide a 10V, 24V or 30 VDC output. To do this, connect the load across the positive (+Vout) and negative (-Vout) outputs and float the output common. 2. These units do not require external components to operate, but the use of an input capacitor (10 µF) may enhance performance in some applications. An output capacitor (4.7 µF to 10 µF) may be used to reduce ripple. Derating Curve Ambient Temperature 1C 85 -40 -20 0 5 15 25 35 45 55 65 75 95 105 0 20 40 60 80 100 0.80 (20.32) 10 9 1 14 0.10 (2.54) 0.60 (15.24) 0.10 (2.5) 0.01 (0.25) 0.01 (0.25) 0.40 (10.2) 0.12 (3.05) 0.05 (1.25) Bottom Side 7 8 Note: “T” = 0.27 (6.85) For 5, 12 & 24 VDC Input Models 0.30 (7.50) For 48 VDC Input Models “T” |