| データシートサーチシステム |
|
SN74LS07DBRG4 データシート(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LS07DBRG4 データシート(HTML) 2 Page - Texas Instruments |
|
2 / 11 page ![]() The SN54LS07 and SN74LS17 are obsolete and are no longer supplied. SN54LS07, SN74LS07, SN74LS17 HEX BUFFERS/DRIVERS WITH OPENCOLLECTOR HIGHVOLTAGE OUTPUTS SDLS021C − MAY 1990 − REVISED FEBRUARY 2004 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 schematic (each gate) Input VCC Output GND 9 k Ω 1 k Ω 2 k Ω 2 k Ω 5 k Ω Resistor values shown are nominal. absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI (see Note 1) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage, VO (see Notes 1 and 2): SN54LS07, SN74LS07 30 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74LS17 15 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 3): D package 86 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DB package 96 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 80 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 76 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range,Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values are with respect to GND. 2. This is the maximum voltage that should be applied to any output when it is in the off state. 3. The package thermal impedance is calculated in accordance with JESD 51-7. |