データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CLC3004 データシート(PDF) 17 Page - Cadeka Microcircuits LLC.

部品番号 CLC3004
部品情報  Single and Triple, 750MHz Amplifiers with Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CADEKA [Cadeka Microcircuits LLC.]
ホームページ  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC3004 データシート(HTML) 17 Page - Cadeka Microcircuits LLC.

Back Button CLC3004 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC3004 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC3004 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC3004 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC3004 Datasheet HTML 16Page - Cadeka Microcircuits LLC. CLC3004 Datasheet HTML 17Page - Cadeka Microcircuits LLC. CLC3004 Datasheet HTML 18Page - Cadeka Microcircuits LLC. CLC3004 Datasheet HTML 19Page - Cadeka Microcircuits LLC. CLC3004 Datasheet HTML 20Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
17
Evaluation Board Information
The following evaluation boards are available to aid in the
testing and layout of these devices:
Evaluation Board #
Products
CEB002
CLC1004, CLC1014
CEB012
CLC3004
Evaluation Board Schematics
Evaluation board schematics and layouts are shown in Fig-
ures 9-14. These evaluation boards are built for dual- sup-
ply operation. Follow these steps to use the board in a
single-supply application:
1. Short -Vs to ground.
2. Use C3 and C4, if the -VS pin of the amplifier is not
directly connected to the ground plane.
Figure 9. CEB002 Schematic
Figure 10. CEB002 Top View
Figure 11. CEB002 Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20