| データシートサーチシステム |
|
CLC3605ISO16X データシート(PDF) 18 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
CLC3605ISO16X データシート(HTML) 18 Page - Cadeka Microcircuits LLC. |
|
18 / 20 page ![]() Data Sheet ©2007-2008 CADEKA Microcircuits LLC www.cadeka.com 18 Evaluation Board Information The following evaluation boards are available to aid in the testing and layout of these devices: Evaluation Board # Products CEB002 CLC1605 CEB013 CLC3605 Evaluation Board Schematics Evaluation board schematics and layouts are shown in Fig- ures 9-14. These evaluation boards are built for dual- sup- ply operation. Follow these steps to use the board in a single-supply application: 1. Short -Vs to ground. 2. Use C3 and C4, if the -VS pin of the amplifier is not directly connected to the ground plane. Figure 9. CEB002 Schematic Figure 10. CEB002 Top View Figure 11. CEB002 Bottom View |