データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CLC2601 データシート(PDF) 13 Page - Cadeka Microcircuits LLC.

部品番号 CLC2601
部品情報  Dual, Triple, and Quad 550MHz Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CADEKA [Cadeka Microcircuits LLC.]
ホームページ  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2601 データシート(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button CLC2601 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2601 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2601 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC2601 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC2601 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC2601 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC2601 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC2601 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC2601 Datasheet HTML 15Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
13
Evaluation Board Information
The following evaluation boards are available to aid in the
testing and layout of these devices:
Evaluation Board #
Products
CEB006
CLC2601
CEB018
CLC3601, CLC4601
Evalutaion Board Schematics
Evaluation board schematics and layouts are shown in Fig-
ures 9-14. These evaluation boards are built for dual- sup-
ply operation. Follow these steps to use the board in a
single-supply application:
1. Short -Vs to ground.
2. Use C3 and C4, if the -VS pin of the amplifier is not
directly connected to the ground plane.
Figure 9. CEB006 Schematic
Figure 10. CEB006 Top View
Figure 11. CEB006 Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15