データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KH207AM データシート(PDF) 7 Page - Cadeka Microcircuits LLC.

部品番号 KH207AM
部品情報  Low Distortion Wideband Op Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CADEKA [Cadeka Microcircuits LLC.]
ホームページ  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH207AM データシート(HTML) 7 Page - Cadeka Microcircuits LLC.

  KH207AM Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH207AM Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH207AM Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH207AM Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH207AM Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH207AM Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH207AM Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
KH207 Package Dimensions
DATA SHEET
KH207
SYMBOL
INCHES
MILIMETERS
Minimun
Maximum
Minimum
Maximum
A
0.142
0.181
3.61
4.60
φb
0.016
0.019
0.41
0.48
φD
0.595
0.605
15.11
15.37
φD1
0.543
0.555
13.79
14.10
e
0.400 BSC
10.16 BSC
e1
0.200 BSC
5.08 BSC
e2
0.100 BSC
2.54 BSC
F
0.016
0.030
0.41
0.76
k
0.026
0.036
0.66
0.91
k1
0.026
0.036
0.66
0.91
L
0.310
0.340
7.87
8.64
α
45
° BSC
45
° BSC
NOTES:
Seal: cap weld
Lead finish: gold per MIL-M-38510
Package composition:
Package: metal
Lid: Type A per MIL-M-38510
8
7
9
2
3
1
5
6
4
11
10
12
k1
e
φDD1
TO-8
e1
e2
k
α
L
A
F
φb
Life Support Policy
Cadeka’s products are not authorized for use as critical components in life support devices or systems without the express written approval of the president of Cadeka Microcircuits, Inc.
As used herein:
1. Life support devices or systems are devices or systems which, a) are intended for surgical implant into the body, or b) support or sustain life, and whose failure to perform, when properly used
in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect
its safety or effectiveness.
Cadeka does not assume any responsibility for use of any circuitry described, and Cadeka reserves the right at any time without notice to change said circuitry and specifications.
www.cadeka.com
© 2004 Cadeka Microcircuits, LLC



Html Pages

1 2 3 4 5 6 7