データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

24PC0070D5CS データシート(PDF) 7 Page - Sensortechnics GmbH

部品番号 24PC0070D5CS
部品情報  Pressure sensors with special fittings and sealings
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SENSORTECHNICS [Sensortechnics GmbH]
ホームページ  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

24PC0070D5CS データシート(HTML) 7 Page - Sensortechnics GmbH

Back Button 24PC0070D5CS Datasheet HTML 3Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 4Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 5Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 6Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 7Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 8Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 9Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 10Page - Sensortechnics GmbH 24PC0070D5CS Datasheet HTML 11Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
24PC/26PC Specials
Pressure sensors with special fittings and sealings
7/12
May 2008 / 593
www.sensortechnics.com
2xPCxxxxG
2Jx
(Needle, pinning 2 x 2)
mass: 2 g
dimensions in mm
OUTLINE DRAWINGS
FOR GAGE DEVICES
2xPCxxxxG
6Jx
(Needle, pinning 1 x 4)
mass: 2 g
dimensions in mm
4x0,41
7,9
P1
Ø6,4
Ø0,5
Ø1,78
P2
12,7
2,29
4x0,5
3x2,54
1,27
4x1,02
Notch
Pin 1
4 x
0,41
8,4
7,9
1
2
3
4
12,7
4 x
1,02
2,54
4x0,5
5,08
Notch
Pin 1
Ø6,4
Ø1,78
Ø0,5
P1
P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12