| データシートサーチシステム |
|
EPA040AV データシート(PDF) 2 Page - Excelics Semiconductor, Inc. |
|
|
|||||||||||||||||||||||||||||
EPA040AV データシート(HTML) 2 Page - Excelics Semiconductor, Inc. |
|
2 / 2 page ![]() EPA040A/EPA040AV DATA SHEET High Efficiency Heterojunction Power FET EPA040A S-PARAMETERS EPA040A 8V, 1/2 Idss FREQ --- S11 --- --- S21 --- --- S12 --- --- S22 --- FREQ --- S11 --- --- S21 --- --- S12 --- --- S22 --- (GHz) MAG ANG MAG ANG MAG ANG MAG ANG (GHz) MAG ANG MAG ANG MAG ANG MAG ANG 1.0 0.972 -32.9 10.341 157.6 0.021 72.5 0.666 -12.8 21.0 0.856 132.6 1.642 -6.5 0.065 -8.2 0.341 -155.6 2.0 0.933 -62.1 9.244 139.3 0.036 57.7 0.611 -24.0 22.0 0.862 128.5 1.512 -12.2 0.064 -7.9 0.382 -165.1 4.0 0.863 -105.4 6.944 110.9 0.053 36.4 0.493 -40.6 24.0 0.865 122.5 1.295 -22.5 0.063 -8.1 0.481 -177.0 6.0 0.812 -135.8 5.262 89.9 0.059 24.0 0.425 -54.7 26.0 0.870 119.4 1.140 -30.9 0.065 -6.1 0.563 177.6 8.0 0.801 -153.8 4.162 74.6 0.060 15.8 0.405 -66.4 28.0 0.873 117.6 1.038 -37.9 0.071 -1.3 0.616 174.5 10.0 0.800 -166.7 3.415 61.7 0.060 10.9 0.405 -75.8 30.0 0.869 114.9 1.002 -45.6 0.078 -3.2 0.634 170.8 12.0 0.803 -177.9 2.903 49.7 0.059 7.4 0.411 -83.9 32.0 0.872 109.8 0.979 -56.0 0.084 -7.8 0.611 161.4 14.0 0.813 170.4 2.546 38.2 0.060 4.5 0.403 -90.6 34.0 0.888 101.7 0.933 -68.8 0.089 -15.1 0.586 142.2 16.0 0.820 157.9 2.259 25.5 0.060 0.7 0.379 -99.0 36.0 0.944 92.3 0.834 -82.9 0.091 -29.9 0.612 116.3 18.0 0.835 144.8 2.007 12.6 0.063 -2.3 0.340 -113.4 38.0 0.989 82.3 0.699 -97.4 0.082 -49.1 0.712 95.1 20.0 0.847 133.3 1.780 -1.0 0.065 -6.1 0.319 -137.0 40.0 0.988 76.1 0.552 -107.6 0.068 -67.3 0.786 88.5 EPA040AV 8V, 1/2 Idss FREQ --- S11 --- --- S21 --- --- S12 --- --- S22 --- FREQ --- S11 --- --- S21 --- --- S12 --- --- S22 --- (GHz) MAG ANG MAG ANG MAG ANG MAG ANG (GHz) MAG ANG MAG ANG MAG ANG MAG ANG 1.0 0.972 -34.1 9.390 157.2 0.018 71.3 0.696 -12.0 21.0 0.870 129.5 1.474 -16.6 0.055 -26.7 0.431 -147.2 2.0 0.938 -64.1 8.386 138.2 0.032 56.5 0.654 -22.6 22.0 0.871 126.5 1.372 -22.3 0.054 -29.6 0.456 -155.7 4.0 0.876 -108.4 6.273 109.1 0.047 33.4 0.565 -35.9 24.0 0.871 119.5 1.183 -34.0 0.052 -30.2 0.523 -170.4 6.0 0.844 -140.6 4.801 87.8 0.052 19.6 0.509 -43.6 26.0 0.877 115.9 1.009 -45.3 0.049 -29.9 0.583 174.3 8.0 0.844 -158.1 3.868 72.4 0.054 11.0 0.467 -49.6 28.0 0.869 107.2 0.865 -56.6 0.048 -35.3 0.648 164.0 10.0 0.842 -172.0 3.222 57.9 0.053 3.7 0.425 -59.2 30.0 0.865 97.7 0.748 -68.9 0.046 -40.1 0.691 154.3 12.0 0.847 170.9 2.703 42.2 0.052 -5.1 0.410 -72.7 32.0 0.838 94.2 0.638 -81.3 0.042 -49.1 0.758 138.7 14.0 0.860 159.0 2.302 28.5 0.052 -10.9 0.391 -88.1 34.0 0.908 92.4 0.551 -92.6 0.036 -57.6 0.749 124.1 16.0 0.873 148.9 1.967 15.0 0.050 -16.3 0.400 -105.4 36.0 0.956 91.7 0.499 -102.2 0.044 -66.9 0.810 111.5 18.0 0.875 144.1 1.734 3.2 0.052 -20.3 0.401 -125.7 38.0 0.982 91.8 0.466 -113.1 0.057 -89.9 0.877 100.0 20.0 0.874 135.6 1.532 -9.2 0.053 -25.5 0.432 -141.3 40.0 0.973 89.1 0.423 -122.7 0.063 -111.8 0.904 95.4 Note: The data included 0.7 mils diameter Au bonding wires; 1gate wires, 15 mils each; 1 drain wires, 20 mils each; 4 source wires, 7 mils each; no source wires for EPA040AV. |