| データシートサーチシステム |
|
SN74ACT3638 データシート(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT3638 データシート(HTML) 21 Page - Texas Instruments |
|
21 / 30 page ![]() SN74ACT3638 512 × 32 × 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY SCAS228D – JUNE 1992 – REVISED APRIL 1998 21 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 CLKB B0 – B31 ENB ORB tsu(EN) th(EN) ta W0 W1 High tsu(EN) th(EN) RTM RFM ta W2 ta W0 ta W1 Initiate Retransmit Mode With W0 as First Word Retransmit From Selected Position tsu(RM) th(RM) tsu(RM) th(RM) tsu(RM) th(RM) End Retransmit Mode NOTE A: CSB = L, W/RB = H, MBB = L. No input enables other than RTM and RFM are needed to control retransmit mode or begin a retransmit. Other enables are shown only to relate retransmit operations to the FIFO1 output register. Figure 17. FIFO1 Retransmit Timing Showing Minimum Retransmit Length th(RM) CLKB AEB RTM High RFM tsu(RM) 12 tpd(C-AE) X1 or Fewer Words From Empty (X1 + 1) or More Words From Empty NOTE A: X1 is the value loaded in the almost-full flag offset register. Figure 18. AEB Maximum Latency When Retransmit Increases the Number of Stored Words Above X1 |