| データシートサーチシステム |
|
SN74ACT3651PCB データシート(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT3651PCB データシート(HTML) 17 Page - Texas Instruments |
|
17 / 26 page ![]() SN74ACT3651 2048 × 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY SCAS439D – JUNE 1994 – REVISED FEBRUARY 1999 17 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 CLKB B0 – B35 ENB OR tsu(EN) th(EN) ta W0 W1 High tsu(EN) th(EN) RTM RFM ta W2 ta W0 ta W1 Initiate Retransmit Mode With W0 as First Word Retransmit From Selected Position tsu(EN) th(EN) tsu(EN) End Retransmit Mode NOTE A: CSB = L, W/RB = H, MBB = L. No input enables other than RTM and RFM are needed to control retransmit mode or begin a retransmit. Other enables are shown only to relate retransmit operations to the FIFO output register. Figure 10. Retransmit Timing Showing Minimum Retransmit Length th(RM) CLKB AE RTM High RFM tsu(RM) 12 tpd(C-AE) X or Fewer Words From Empty (X + 1) or More Words From Empty NOTE A: X is the value loaded in the AE-flag offset register. Figure 11. AE Maximum Latency When Retransmit Increases the Number of Stored Words Above X |