| データシートサーチシステム |
|
SN74ACT7803-20DL データシート(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT7803-20DL データシート(HTML) 9 Page - Texas Instruments |
|
9 / 16 page ![]() SN74ACT7803 512 × 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY SCAS191C – MARCH 1991 – REVISED APRIL 1998 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions ’ACT7803-15 ’ACT7803-20 ’ACT7803-25 ’ACT7803-40 UNIT MIN MAX MIN MAX MIN MAX MIN MAX UNIT VCC Supply voltage 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 V VIH High-level input voltage 2 2 2 2 V VIL Low-level input voltage 0.8 0.8 0.8 0.8 V IOH High-level output current Q outputs, flags –8 –8 –8 –8 mA IOL Low level output current Q outputs 16 16 16 16 mA IOL Low-level output current Flags 8 8 8 8 mA TA Operating free-air temperature 0 70 0 70 0 70 0 70 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VOH VCC = 4.5 V, IOH = –8 mA 2.4 V VOL Flags VCC = 4.5 V, IOL = 8 mA 0.5 V VOL Q outputs VCC = 4.5 V, IOL = 16 mA 0.5 V II VCC = 5.5 V, VI = VCC or 0 ±5 µA IOZ VCC = 5.5 V, VO = VCC or 0 ±5 µA ICC VI = VCC – 0.2 V or 0 400 µA ∆ICC‡ VCC = 5.5 V, One input at 3.4 V, Other inputs at VCC or GND 1 mA Ci VI = 0, f = 1 MHz 4 pF Co VO = 0, f = 1 MHz 8 pF † All typical values are at VCC = 5 V, TA = 25°C. ‡ This is the supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC. |