| データシートサーチシステム |
|
L822HW-R33MF データシート(PDF) 7 Page - Superworld Electronics |
|
|
|||||||||||||||||||||||||||||
L822HW-R33MF データシート(HTML) 7 Page - Superworld Electronics |
|
7 / 9 page ![]() NOTE : Specifications subject to change without notice. Please check our website for latest information. SUPERWORLD ELECTRONICS (S) PTE LTD PG. 7 15.01.2008 L822HW SERIES 11. SOLDERIND AND MOUNTING : c) Never contact the ceramic with the iron tip e) Use a 20 watt soldering iron with tip diameter of 1.0mm 30~60s 60~120s Figure 1. Re-flow Soldering Preheating 230 150 180 250~260 Soldering 10s max. Natural cooling d) 1.0mm tip diameter (max) f) Limit soldering time to 3 secs. Gradual Cooling Within 3secs. Figure 2. Iron Soldering Over 1min. Soldering Preheating 150 280 cooling Natural 11-2.2 Soldering Iron (Figure 2) : a soldering iron must be employed the following precautions are recommended. Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that Recommended temperature profiles for re-flow soldering in Figure 1. Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused by the difference in coefficients of expansion between solder, chip and substrate. Our terminations are suitable for all wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot a) Preheat circuit and products to 150°C. air soldering tools. 11-2.1 Solder Re-flow : Note : b) 280°C tip temperature (max) 1.85 11-2. Soldering 1.85 3.7 11-1. Recommended PC Board Pattern 260 HIGH CURRENT MOLDED POWER INDUCTORS |