データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L825HW-R82MF データシート(PDF) 7 Page - Superworld Electronics

部品番号 L825HW-R82MF
部品情報  HIGH CURRENT MOLDED POWER INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUPERWORLD [Superworld Electronics]
ホームページ  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L825HW-R82MF データシート(HTML) 7 Page - Superworld Electronics

  L825HW-R82MF Datasheet HTML 1Page - Superworld Electronics L825HW-R82MF Datasheet HTML 2Page - Superworld Electronics L825HW-R82MF Datasheet HTML 3Page - Superworld Electronics L825HW-R82MF Datasheet HTML 4Page - Superworld Electronics L825HW-R82MF Datasheet HTML 5Page - Superworld Electronics L825HW-R82MF Datasheet HTML 6Page - Superworld Electronics L825HW-R82MF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 7
15.01.2008
L825HW SERIES
11-4. Tearing Off Force
The force for tearing off cover tape is 15 to 60 grams
in the arrow direction under the following conditions.
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
1. Storage Conditions :
To maintain the solderabililty of terminal electrodes :
a) Temperature and humidity conditions : Less than 30°C and 70% RH.
b) Recommended products should be used within 6 months from the time of delivery.
c) The packaging material should be kept where no chlorine or sulfur exists in the air.
b) The use of tweezers or vacuum pick up is strongly recommended for individual components.
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
2. Transportation :
Application Notice
Top cover tape
F
Base tape
165° to 180°
Room Temp.
(°C)
5~35
Room Humidity
(%)
45~85
Tearing Speed
(mm/min)
300
Room atm
(hPa)
860~1060
HIGH CURRENT MOLDED POWER INDUCTORS



Html Pages

1 2 3 4 5 6 7