データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SP-GB-ZX-RDA データシート(PDF) 1 Page - Source Photonics, Inc.

部品番号 SP-GB-ZX-RDA
部品情報  80 km Gigabit Ethernet SFP Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOURCE [Source Photonics, Inc.]
ホームページ  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-GB-ZX-RDA データシート(HTML) 1 Page - Source Photonics, Inc.

  SP-GB-ZX-RDA Datasheet HTML 1Page - Source Photonics, Inc. SP-GB-ZX-RDA Datasheet HTML 2Page - Source Photonics, Inc. SP-GB-ZX-RDA Datasheet HTML 3Page - Source Photonics, Inc. SP-GB-ZX-RDA Datasheet HTML 4Page - Source Photonics, Inc. SP-GB-ZX-RDA Datasheet HTML 5Page - Source Photonics, Inc. SP-GB-ZX-RDA Datasheet HTML 6Page - Source Photonics, Inc. SP-GB-ZX-RDA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
80 km Gigabit Ethernet SFP Transceiver
SP-GB-ZX-xxA
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS898-Feb0107
Rev A.2
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
POP
0
2
5
dBm
Average Launch Power Of Off Tx
POff
-
-
-45
dBm
Extinction Ratio (Dynamic)
ER
9
-
-
dB
Eye Mask
-
-
-
802.3z compliant
Total Jitter
TJ
-
-
200
ps
Optical Rise Timeb
tr
-
-
260
ps
Optical Fall Timeb
tf
-
260
ps
Mean Wavelength
λ
1535
1550
1565
nm
Spectral Width (20dB)
Δλ
-
-
1
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Optical Path Penalty at 80 Kmc
dp
-
1
2
dB
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Reflection Toleranced
rp
-24
-
-
dB
b) 20%-80% values
c) Measured at BER of 10-12, PRBS of 27-1, at eye center
d) 1dB degradation of receiver sensitivity
Transmitter Specifications (Optical)
Features
• Data rate 1.062 to 1.25 Gb/s
• Single 3.3 V supply
• 80 km reach
• 24 dB min, 28 dB typical link budget
• 1550 nm DFB laser
• Commercial temperature available
• Industrial temperature available
• 1550 nm DFB laser
• Digital Diagnostic SFF-8472 compliant
• SFP MSA SFF-8074i compliant
• Bellcore GR-468 compliant
• TUV certificate number R50075336 0001
• Color coded bail latch tube: Green
• RoHS compliant
Parameter
Symbol
Min.
Typical
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465A
V
Total Current
Icc
-
-
300
mA
Power Supply Rejectiona
PSR
100
-
-
mVp-p
Operating Temperature (-CDA)
Top
-5
-
70
ºC
Operating Temperature (-TDA)
Top
-40
-
85
ºC
Operating Temperature (-RDA)
Top
-20
-
85
ºC
Storage Temperature
Tst
-40
-
85
ºC
Data Rate GbE
DR
-
1250
-
Mbps
Data Rate FC
DR
-
1062.5
-
Mbps
a) 20Hz to 155MHz
General Operating


同様の部品番号 - SP-GB-ZX-RDA

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
SP-GB-ZX-CDFC SOURCE-SP-GB-ZX-CDFC Datasheet
231Kb / 9P
1.25Gbps bi-directional data links
SP-GB-ZX-IDFC SOURCE-SP-GB-ZX-IDFC Datasheet
231Kb / 9P
1.25Gbps bi-directional data links
More results

同様の説明 - SP-GB-ZX-RDA

メーカー部品番号データシート部品情報
logo
MRV Communications, Inc...
SFP-GD-MX MRV-SFP-GD-MX Datasheet
76Kb / 4P
Multi-mode Gigabit Ethernet SFP Transceiver
logo
JDS Uniphase Corporatio...
JSH-01LWAA1 JDSU-JSH-01LWAA1 Datasheet
671Kb / 22P
10 Gigabit Ethernet SFP 1310 nm Limiting Transceiver, 10 km Reach
logo
Source Photonics, Inc.
SP-GB-LX-CDA SOURCE-SP-GB-LX-CDA Datasheet
506Kb / 7P
10Km Gigabit Ethernet SFP Transceiver
SP-GB-ELX-CNA SOURCE-SP-GB-ELX-CNA Datasheet
476Kb / 7P
20Km Gigabit Ethernet SFP Transceiver
SP-GB-XD-CDA SOURCE-SP-GB-XD-CDA Datasheet
475Kb / 7P
50 Km Gigabit Ethernet SFP Transceiver
SPC-GB-ZX-31CDA SOURCE-SPC-GB-ZX-31CDA Datasheet
513Kb / 8P
CWDM 80 Km Gigabit Ethernet SFP Transceiver
SP-GB-EZX-CDA SOURCE-SP-GB-EZX-CDA Datasheet
478Kb / 7P
120 km Gigabit Ethernet SFP Transceiver
SP-GB-MX-CNA SOURCE-SP-GB-MX-CNA Datasheet
497Kb / 7P
10Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-27CDA SOURCE-SPC-GB-EZX-27CDA Datasheet
485Kb / 7P
CWDM 120 Km Gigabit Ethernet SFP Transceiver
SP-GB-YX-CDA SOURCE-SP-GB-YX-CDA Datasheet
489Kb / 7P
60 Km Gigabit Ethernet SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com