| データシートサーチシステム |
|
AME385AEAS データシート(PDF) 2 Page - Analog Microelectronics |
|
|
|||||||||||||||||||||||||||||
AME385AEAS データシート(HTML) 2 Page - Analog Microelectronics |
|
2 / 14 page ![]() AME 2 Shunt Bandgap Voltage Reference AME385-1.2 Rev.G.03 n Pin Configuration AME 385-1.2 1. NC 2. NC 3. NC 4. - 5. NC 6. NC 7. NC 8. + SOP-8 Top View SOT-23 Top View TO-92-3 Top View TO-92-2 Top View * The NC pin must float or be connected to - (negative) AME 385-1.2 1. + 2. - 3. NC* AME 385-1.2 1. + 2. - AME 385-1.2 1. NC* 2. + 3. - * Die Attach: Conductive Epoxy * Die Attach: Non-Conductive Epoxy * Die Attach: Non-Conductive Epoxy * Die Attach: Non-Conductive Epoxy 1 2 3 AME385 1 3 2 4 AME385 5 6 7 8 AME385 1 2 1 3 2 AME385 |