| データシートサーチシステム |
|
CSLR-N505SW4-B0 データシート(PDF) 2 Page - China Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
CSLR-N505SW4-B0 データシート(HTML) 2 Page - China Semiconductor Corporation |
|
2 / 6 page ![]() CHINA SEMICONDUCTOR Spec. No. CORPORATION Rev. ■ ■ ■ ■ Features - 1. Low Power Consumption. 3. High Reliability and Solid Performance 4. Optimal Optical/Mechanical Design 5. Rohs Compliant ■ ■ ■ ■ Device Selection Guide - ■ ■ ■ ■ Package Outline Dimensions - * Tolerance:± Unit:± Page: 1/5 2. High Luminous Output Model No: : : :CSLR-N505SW4-B0 LED Lens Chip http://www.csctw.com.tw Part No. CSLR-N505SW4-B0 Water Transparent InGaN White Material Emitted Color PS-LL-N505SW4-B0 A 0.01 0.25 inch mm 25.4[1.00] Min 5.9 [0.232] 1 [0.039] 8.6 [0.339] 1.0[0.039] Max 1.0[0.039] Min |